Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCB11N60F Datasheet (PDF) - Fairchild Semiconductor

FCB11N60F Datasheet PDF - Fairchild Semiconductor
Part # FCB11N60F
Download  FCB11N60F Download

File Size   1004.73 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V N-Channel MOSFET

FCB11N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
FCB11N60F Datasheet PDF - Fairchild Semiconductor

Part # FCB11N60F
Download  FCB11N60F Click to download

File Size   1004.73 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V N-Channel MOSFET

FCB11N60F Datasheet (HTML) - Fairchild Semiconductor

FCB11N60F Datasheet HTML 1Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 2Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 3Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 4Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 5Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 6Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 7Page - Fairchild Semiconductor FCB11N60F Datasheet HTML 8Page - Fairchild Semiconductor

FCB11N60F Product details

Description
SuperFETTM is, Farichild’s proprietary, new generation of high voltage MOSFET family that is utilizing an advanced charge balance mechanism for outstanding low on-resistance and lower gate charge performance.
This advanced technology has been tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. Consequently, SuperFET is very suitable for various AC/DC power conversion in switching mode operation for system miniaturization and higher efficiency.

Features
• 650V @TJ = 150°C
• Typ. RDS(on) = 0.32Ω
• Fast Recovery Type ( trr = 120ns )
• Ultra low gate charge (typ. Qg = 40nC)
• Low effective output capacitance (typ. Coss.eff = 95pF)
• 100% avalanche tested




Similar Part No. - FCB11N60F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCB11N60F ISC-FCB11N60F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FCB11N60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com