Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3001 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3001 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3001
Download  AP3001 Download
File Size   240.21 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150kHz 3A PWM BUCK DC-DC CONVERTER

AP3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3001 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3001
Download  AP3001 Click to download

File Size   240.21 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150kHz 3A PWM BUCK DC-DC CONVERTER

AP3001 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3001 Product details

General Description

The AP3001 series of regulators are fixed frequency PWM buck (step-down) DC/DC converter, capable of driving a 3A load with excellent line and load regulation. These regulators are simple to use and include internal frequency compensation and a fixed frequency oscillator, so that a system adopting AP3001 requires a minimum number of external components to work. These ICs are available in TO-220-5L, TO-220B-5L and TO-263-5L packages.



Features

· 3.3V, 5V Fixed and Adjustable Output Versions

· Guaranteed 3A Output Load Current

· 150kHz Fixed Frequency Internal Oscillator

· Excellent Line and Load Regulation

· TTL Shutdown Capability

· Low Power Standby Mode, IQTypically 80µA

· Built-in Current Limit Protection and Thermal Shutdown Circuit



Applications

· LCD Monitor and LCD TV

· On-Card DC-DC Converter

· DVD Recorder

· PDP




Similar Part No. - AP3001

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP3000 EXTREMENETWORKS-AP3000 Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-IL EXTREMENETWORKS-AP3000-IL Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-TN EXTREMENETWORKS-AP3000-TN Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-WW EXTREMENETWORKS-AP3000-WW Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
logo
Advanced Semiconductor
AP3000A-00 ASI-AP3000A-00 Datasheet
15Kb / 1P
SILICON PIN DIODE CHIP
More results


Similar Description - AP3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com