Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88993V Datasheet (PDF) - Micrel Semiconductor

SY88993V Datasheet PDF - Micrel Semiconductor
Part # SY88993V_05
Download  SY88993V Download

File Size   65.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88993V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88993V Datasheet PDF - Micrel Semiconductor

Part # SY88993V_05
Download  SY88993V Click to download

File Size   65.81 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER

SY88993V Datasheet (HTML) - Micrel Semiconductor

SY88993V_05 Datasheet HTML 1Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 2Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 3Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 4Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 5Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 6Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 7Page - Micrel Semiconductor SY88993V_05 Datasheet HTML 8Page - Micrel Semiconductor

SY88993V Product details

DESCRIPTION
The SY88993V limiting post amplifier with its high and wide bandwidth is ideal for use as a post amplifier in fiberoptic receivers with data rates up to 3.2Gbps. Signals as small as 4mV PP can be amplified to drive devices with CML inputs. The SY88993V generates a chatter-free Loss of Signal (LOS) open collector TTL output.

FEATURES
■ > 3.2Gbps operation
■ 3.3V or 5V power supply option
■ Low noise CML data outputs
■ Chatter-Free LOS generation
■ Open Collector TTL LOS output
■ TTL /EN Input
■ Differential PECL inputs for data
■ Single power supply
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 1.25Gbps Gigabit Ethernet
■ 531Mbps and 1062Mbps Fibre Channel
■ 622Mbps SONET
■ Gigabit interface converter
■ 2.5Gbps SDH/SONET




Similar Part No. - SY88993V_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993VKC MICREL-SY88993VKC Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Similar Description - SY88993V_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com