Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T410-600T-TR Datasheet (PDF) - STMicroelectronics

T410-600T-TR Datasheet PDF - STMicroelectronics
Part # T410-600T-TR
Download  T410-600T-TR Download

File Size   491.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Triacs

T410-600T-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
T410-600T-TR Datasheet PDF - STMicroelectronics

Part # T410-600T-TR
Download  T410-600T-TR Click to download

File Size   491.25 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Triacs

T410-600T-TR Datasheet (HTML) - STMicroelectronics

Back Button T410-600T-TR Datasheet HTML 1Page - STMicroelectronics T410-600T-TR Datasheet HTML 2Page - STMicroelectronics T410-600T-TR Datasheet HTML 3Page - STMicroelectronics T410-600T-TR Datasheet HTML 4Page - STMicroelectronics T410-600T-TR Datasheet HTML 5Page - STMicroelectronics T410-600T-TR Datasheet HTML 6Page - STMicroelectronics T410-600T-TR Datasheet HTML 7Page - STMicroelectronics T410-600T-TR Datasheet HTML 8Page - STMicroelectronics T410-600T-TR Datasheet HTML 9Page - STMicroelectronics T410-600T-TR Datasheet HTML 10Page - STMicroelectronics Next Button 

T410-600T-TR Product details

Features
 Three quadrants Triac
 600 to 800 V VDRM/VRRM
Applications
 General purpose AC inductive loads
 Motor control circuits
 Small home appliances
Description
Based on ST’s Snubberless / logic level
technology providing high commutation
performances, the T4 series is suitable for use on
AC inductive loads. They are recommended for
applications using universal motors, electro
valves, kitchen aid equipments, power tools, and
dishwashers.




Similar Part No. - T410-600T-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600T-TR STMICROELECTRONICS-T410-600T-TR Datasheet
115Kb / 10P
   4A TRIACS
T410-600T-TR STMICROELECTRONICS-T410-600T-TR Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
More results


Similar Description - T410-600T-TR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
logo
YENYO TECHNOLOGY Co., L...
BT08 YENYO-BT08 Datasheet
209Kb / 5P
   4-Quardrant Triacs
BT04 YENYO-BT04 Datasheet
189Kb / 5P
   4-Quardrant Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com