Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAD0XX1SC-EVK-TEMP Datasheet (PDF) - Murata Manufacturing Co., Ltd

LBAD0XX1SC-EVK-TEMP Datasheet PDF - Murata Manufacturing Co., Ltd
Part # LBAD0XX1SC-EVK-TEMP
Download  LBAD0XX1SC-EVK-TEMP Download

File Size   679.8 Kbytes
Page   23 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description LTE CAT M1 Module

LBAD0XX1SC-EVK-TEMP Datasheet (PDF)

Go To PDF Page Download Datasheet
LBAD0XX1SC-EVK-TEMP Datasheet PDF - Murata Manufacturing Co., Ltd

Part # LBAD0XX1SC-EVK-TEMP
Download  LBAD0XX1SC-EVK-TEMP Click to download

File Size   679.8 Kbytes
Page   23 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description LTE CAT M1 Module

LBAD0XX1SC-EVK-TEMP Datasheet (HTML) - Murata Manufacturing Co., Ltd


LBAD0XX1SC-EVK-TEMP Product details

Features
• LTE CAT M1 – 23 dBm
• 16 MB of flash
• Dimension: 11.1x11.4x1.4 mm (typ), 1.5mm(max)
• Package: LGA
• Antenna configurations: external
• SIM card: external
• 3GPP Rel. 13 eDRX and PSM modes
• Power Consumption: enables up to 10 year
battery life Hibernation current: 1.5 μA(avg)
eDRX current: <45 uA (avg) @ 8 Hyperframes
• PSM current: dormant window configurable
• Operating temperature range: -40ºC to 85ºC
• OTA firmware upgrade
• Regulatory certificate:
• FCC/IC: HSW-TY1SC
• ETSI: EN 301 489-1 and EN 301 908-1
• TELEC: 003-180242
• Carrier Certifications: PTCRB (5.38), GCF (3.73)
• 3GPP release 13 compliant
• OMA Lightweight M2M (LWM2M)
• Control via AT commands according to 3GPP TS27.005, 27.007 and
customized AT commands
• IPv4/IPv6 stack with TCP and UDP protocol
• SSL/TLS

Applications
• 4G LTE technology capability
• Dedicated LTE half-duplex operation (HD-FDD) for CatM1
• Cellular transceiver designed to meet 3GPP Rel-13 specifications
• LTE universal modem supports (low-band and mid-band):
• Low-band B5/B8/B12/B13/B14/B17/B18/B19/B20/B26/B28
• Mid-band B1/B2/B3/B4/B25
• Optimized for Class 3 LTE output power (+23 dBm)
• Wearables
• Building automation/Security
• Medical/Healthcare
• Asset Tracking




Similar Part No. - LBAD0XX1SC-EVK-TEMP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
LBAD0ZZ1SE-743 MURATA1-LBAD0ZZ1SE-743 Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
More results


Similar Description - LBAD0XX1SC-EVK-TEMP

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Pulse A Technitrol Comp...
LTE-M PULSE-LTE-M Datasheet
788Kb / 5P
   LTE Cat M1 Antennas
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com