Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTS5411 Datasheet (PDF) - Realtek Semiconductor Corp.

RTS5411 Datasheet PDF - Realtek Semiconductor Corp.
Part # RTS5411
Download  RTS5411 Download

File Size   883.03 Kbytes
Page   33 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description USB 3.0 Super-Speed HUB Controller

RTS5411 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTS5411 Datasheet PDF - Realtek Semiconductor Corp.

Part # RTS5411
Download  RTS5411 Click to download

File Size   883.03 Kbytes
Page   33 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description USB 3.0 Super-Speed HUB Controller

RTS5411 Datasheet (HTML) - Realtek Semiconductor Corp.

Back Button RTS5411 Datasheet HTML 1Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 2Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 3Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 4Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 5Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 6Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 7Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 8Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTS5411 Datasheet HTML 10Page - Realtek Semiconductor Corp. Next Button 

RTS5411 Product details

Features
Compliant with Universal Serial Bus 3.0 Specification Revision 1.0
- 4 downstream ports for super-speed, high-speed, full-speed and low-speed traffic.
- Backward compatible with USB specification Revision 2.0, 1.1 and 1.0.
MTT(Mul t iple Transact ion Translator )
- One TT for each downst ream por t .
- Better data throughput when multiple downstream ports act on FS concurrently.
Support SMBUS to customize configurations
- SMBUS address is configurable by external SPI Flash or internal eFuse.
Support I2C to configure other chips on the same platform.
Compliant with USB Battery Charging Specification Revision 1.2 and other portable devices
- DCP Mode of BC 1.2.
- CDP Mode of BC 1.2.
- ACA-Dock functions of BC 1.2.
- Charger detection functions for upstream port’s charger which complies with BC1.2.
- D+/D– Divider Modes 2.0V/2.7V, 2.7/2.0V and 2.7/2.7V.
- D+/D- 1.2V Mode.
The Up Stream Port of the RTS5411 can detect the DSP it is connected to is a SDP, CDP, or DCP.
When the RTS5411 is connected to a charging port, it is allowed to draw more current from the DSP.
Support Gang mode and Individual mode for downstream port.
Support USB2.0 LPM-L1 function
Support USB3.0 U1/U2/U3 power saving mode
Integrated Fast 8051 microprocessor
Support serial flash for ISP function which can upgrade Firmware or configurations via USB directly.
Support EEPROM for ISP function which can upgrade configurations via USB directly.
Support 12MHz Crystal clock
Integrated 3.3V output LDO inside, the input range supports from 4.5V to 5.5V
Integrated 1.2V output switching regulator, the input range supports from 3.0V to 5.5V.
Support LED control function of indicating Downstream Ports transfer activity and over-current
condition.




Similar Part No. - RTS5411

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
   One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5138-GR REALTEK-RTS5138-GR Datasheet
318Kb / 13P
   One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
RTS5169-VEC-GR REALTEK-RTS5169-VEC-GR Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
More results


Similar Description - RTS5411

ManufacturerPart #DatasheetDescription
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
   USB 3.0 MTT Hub Controller
logo
Coolgear Inc.
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
   USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com