Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM4760 Datasheet (PDF) - Broadcom Corporation.

BCM4760 Datasheet PDF - Broadcom Corporation.
Part # BCM4760
Download  BCM4760 Download

File Size   532.51 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description PERSONAL NAVIGATION SYSTEM-ON-CHIP

BCM4760 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM4760 Datasheet PDF - Broadcom Corporation.

Part # BCM4760
Download  BCM4760 Click to download

File Size   532.51 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description PERSONAL NAVIGATION SYSTEM-ON-CHIP

BCM4760 Datasheet (HTML) - Broadcom Corporation.

BCM4760 Datasheet HTML 1Page - Broadcom Corporation. BCM4760 Datasheet HTML 2Page - Broadcom Corporation.

BCM4760 Product details

FEATURES
• Processor Core
• 500 MHz ARM1136JF-S™
• 500 MHz Vector Floating Point Unit
• L1 cache: 32 KB/32 KB (D/I)
• Scratch RAM: 64 KB
• Memory Subsystem
• Supports up to 166 MHz mobile SDR and mobile DDR (16- or
32-bit)
• Storage
• SLC/MLC NAND memory controller
• Direct secure boot from managed NAND flash and UART
interfaces
• SDHC / SD / SD 2.0 / MMC 4.3 (×3)
• 2D/3D Graphics Processing Unit
• Up to 1 million triangles per second
• Up to 100 Mpixels per second fill rate
• 4×/16× full scene anti-aliasing (FSAA)
• OpenGL® ES 1.1, OpenVG 1.0, and EGL 1.3 compliant
• Hardware Security Engine
• Encryption/decryption (AES, 3DES, RC4, SHA)
• Public key acceleration (RSA, DSA, DH, ECC)
• Random number generator
• OTP ROM (for key and unique ID storage)
• Authentication (HMAC-SHA1/SHA256)
• GPS Subsystem
• GPS baseband and tuner with integrated LNA
• Supports space-based augmentation systems (WAAS, EGNOS,
MSAS)
• GPS sensitivity:
- Autonomous acquisition threshold to –148 dBm
- Navigation/Tracking threshold to –162 dBm
• Peripheral Connectivity
• 24-bit, RGB-style LCD interface for support of up to 1024 ´
768 STN and TFT color displays
• SPI (×2), I2C (×2), and I2S interfaces
• GPIO
• High-speed UARTs (×3)
• On-chip 4-/5-wire resistive touch controller
• USB 2.0 OTG high-speed controller with integrated transceiver
(up to 480 mbps)




Similar Part No. - BCM4760

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4705 BOARDCOM-BCM4705 Datasheet
272Kb / 2P
   Intensi-fi Gigabit Ethernet Draft-802.11n Processor
BCM4712 BOARDCOM-BCM4712 Datasheet
567Kb / 1P
   AIRFORCE INTERGRATED WIRELESS ACESS POINT
BCM4716 BOARDCOM-BCM4716 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM4717 BOARDCOM-BCM4717 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM4718 BOARDCOM-BCM4718 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
More results


Similar Description - BCM4760

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
   IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
logo
Cypress Semiconductor
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
logo
Mitsubishi Electric Sem...
MF1037S-1 MITSUBISHI-MF1037S-1 Datasheet
170Kb / 1P
   FOR PERSONAL HANDYPHONE SYSTEM
logo
List of Unclassifed Man...
YGV613 ETC-YGV613 Datasheet
877Kb / 14P
   NVDP NAVIGATION SYSTEM VDP
logo
Mitsubishi Electric Sem...
MF1037S-2 MITSUBISHI-MF1037S-2 Datasheet
170Kb / 1P
   FOR PERSONAL HANDYPHONE SYSTEM
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com