Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM4705 Datasheet (PDF) - Broadcom Corporation.

BCM4705 Datasheet PDF - Broadcom Corporation.
Part # BCM4705
Download  BCM4705 Download

File Size   272.52 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Intensi-fi Gigabit Ethernet Draft-802.11n Processor

BCM4705 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM4705 Datasheet PDF - Broadcom Corporation.

Part # BCM4705
Download  BCM4705 Click to download

File Size   272.52 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Intensi-fi Gigabit Ethernet Draft-802.11n Processor

BCM4705 Datasheet (HTML) - Broadcom Corporation.

BCM4705 Datasheet HTML 1Page - Broadcom Corporation. BCM4705 Datasheet HTML 2Page - Broadcom Corporation.

BCM4705 Product details

FEATURES

• Advanced 500 DMIPS/300-MHz MIPS32® core

• 4-way set associative 32-KB I-Cache

• 2-way set associative 32-KB D-Cache

• 4-KB Read-Ahead Cache

• MMU/TLB support for Linux®

• Advanced Gigabit Ethernet MAC

• Hardware TCP segmentation and Checksum offload

• GMII, RGMII, and MII PHY connectivity

• Two USB2.0 High-speed host ports

• One USB2.0 High-speed device port

• DDR SDRAM controller

• 16/32-bit DDR266 and 133-MHz SDRAM support

• 8 MB to 512 MB capacity

• Support for 8/16/32-bit wide memory devices

• PCI 2.3 Host interface (32 bit/33–37 MHz)

• Supports four PCI bus masters

• Optional 5V-tolerant operation (PCI 2.2 support)

• Advanced GPIO interface

• All GPI supports interrupt triggering capability

• Dual RS232 UART

• 2.4W Low-power design




Similar Part No. - BCM4705

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4712 BOARDCOM-BCM4712 Datasheet
567Kb / 1P
   AIRFORCE INTERGRATED WIRELESS ACESS POINT
BCM4716 BOARDCOM-BCM4716 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM4717 BOARDCOM-BCM4717 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM4718 BOARDCOM-BCM4718 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
More results


Similar Description - BCM4705

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8198-GR REALTEK-RTL8198-GR Datasheet
989Kb / 86P
   IEEE 802.11n GIGABIT ETHERNET AP/ROUTER NETWORK PROCESSOR
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
List of Unclassifed Man...
SX-BR-4600WAN2 ETC1-SX-BR-4600WAN2 Datasheet
213Kb / 1P
   Gigabit Ethernet to Dual Band 802.11n Converter
20192903
logo
Broadcom Corporation.
BCM4716 BOARDCOM-BCM4716 Datasheet
124Kb / 2P
   INTENSI-FI® XLR 2 × 2 IEEE 802.11N 2.4-GHZ 5-GHZ ROUTER SOC
07/15/08
BCM5346M BOARDCOM-BCM5346M Datasheet
200Kb / 2P
   16 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
BCM5345M BOARDCOM-BCM5345M Datasheet
307Kb / 2P
   24 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
BCM5346 BOARDCOM-BCM5346 Datasheet
228Kb / 2P
   17 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
logo
Adlink Technology Inc.
ATCA-9300 ADLINK-ATCA-9300 Datasheet
352Kb / 2P
   10 Gigabit Ethernet AdvancedTCA짰 Processor Blade
logo
Broadcom Corporation.
BCM5345 BOARDCOM-BCM5345 Datasheet
305Kb / 2P
   25 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com