Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE2596 Datasheet (PDF) - List of Unclassifed Manufacturers

AE2596 Datasheet PDF - List of Unclassifed Manufacturers
Part # AE2596
Download  AE2596 Download
File Size   449.2 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SIMPLE SWITCHER POWER CONVERTER

AE2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
AE2596 Datasheet PDF - List of Unclassifed Manufacturers

Part # AE2596
Download  AE2596 Click to download

File Size   449.2 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SIMPLE SWITCHER POWER CONVERTER

AE2596 Datasheet (HTML) - List of Unclassifed Manufacturers


AE2596 Product details

● Features
※ 3.3V, 5V, 12V, and adjustable
output versions
※ Adjustable version output
voltage range,1.2V to 37V
※ TO-220 and TO-263 packages
※ Output load current 3A
※ Input voltage range up to 40V
※ Requires only 4 external components
※ 150 kHz fixed frequency internal
oscillator
※ TTL shutdown capability
※ Low power standby mode,
IQ typically 80 µA
※ High efficiency
※ Thermal shutdown and current
limit protection
● Application
※ Simple high-efficiency step-down
(buck) regulator
※ On-card switching regulators
※ Positive to negative converter
● General Description
The AE2596 series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down(buck) switching regulator, capable of
driving a 3A load with excellent line and load regulation.
These devices are available in fixed output voltages of
3.3V, 5V, 12V, and an adjustable output version.
Requiring a minimum number of external
components, these regulators are simple to use and
include internal frequency compensation, and a fixed
frequency oscillator.
The AE2596 series operates at a switching
frequency of 150 kHz thus allowing smaller sized filter
components than what would be needed with lower
frequency switching regulators. Available in a standard
5-lead TO-220 package with several different lead bend
options, and a 5-lead TO-263 surface mount package.
Other features include a guaranteed±4% tolerance
on output voltage under specified input voltage and
output load conditions, and±15% on the oscillator
frequency. External shutdown is included, featuring
typically 80 µA standby current. Selfprotection features
include a two stage frequency reducing current limit for
the output switch and an over temperature shutdown for
complete protection under fault conditions.




Similar Part No. - AE2596

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
AE2501B KOOCHIN-AE2501B Datasheet
211Kb / 4P
AE2501B is a monolithic full_bridge driver.
logo
Kemet Corporation
AE2525D15DF KEMET-AE2525D15DF Datasheet
5Mb / 30P
Multilayer Piezoelectric Actuators AE Series Resin Coated
logo
NEC
AE2525D15F NEC-AE2525D15F Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Similar Description - AE2596

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Converter
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
SIMPLE SWITCHER Power Converter
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER Power Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com