![]() |
Electronic Components Datasheet Search |
|
NCP100 Datasheet (PDF) - ON Semiconductor |
NCP100 Datasheet (HTML) - ON Semiconductor |
NCP100 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | NCP100 |
Download | NCP100 Click to view |
File Size | 132.72 Kbytes |
Page | 12 Pages |
Maker | ONSEMI [ON Semiconductor] |
Homepage | http://www.onsemi.com |
Logo | |
Description | Sub 1.0 V Precision Adjustable Shunt Regulator |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
CAT102_05 | Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | Catalyst Semiconductor |
TL432 | Low Voltage 1.24V Adjustable Precision Shunt Regulator | 1 2 3 4 5 | HTC Korea TAEJIN Technology Co. |
SPX431A | Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | Sipex Corporation |
LM2575_05 | 1.0 A Adjustable Output Voltage Step−Down Switching Regulator | 1 2 3 4 5 More | ON Semiconductor |
AMC431 | PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
CS5201-1 | 1.0 A Adjustable Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
TL432 | 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS | 1 2 3 | Unisonic Technologies |
TL432C | 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS | 1 2 3 | Unisonic Technologies |
TLVH432_07 | LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS | 1 2 3 4 5 More | Texas Instruments |
LM317 | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |