Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC00 Datasheet (PDF) - ON Semiconductor

MC74VHC00 Datasheet PDF - ON Semiconductor
Part # MC74VHC00
Download  MC74VHC00 Download

File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

MC74VHC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC00 Datasheet PDF - ON Semiconductor

Part # MC74VHC00
Download  MC74VHC00 Click to download

File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NAND Gate

MC74VHC00 Datasheet (HTML) - ON Semiconductor

MC74VHC00 Datasheet HTML 1Page - ON Semiconductor MC74VHC00 Datasheet HTML 2Page - ON Semiconductor MC74VHC00 Datasheet HTML 3Page - ON Semiconductor MC74VHC00 Datasheet HTML 4Page - ON Semiconductor MC74VHC00 Datasheet HTML 5Page - ON Semiconductor MC74VHC00 Datasheet HTML 6Page - ON Semiconductor

MC74VHC00 Product details

The MC74VHC00 is an advanced high speed CMOS 2−input NAND gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7 V, allowing the interface of 5 V systems to 3 V systems.

Features
• High Speed: tPD = 3.7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 2 A (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2 V to 5.5 V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance: HBM > 2000 V; Machine Model > 200 V
• Chip Complexity: 32 FETs or 8 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - MC74VHC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC00 MOTOROLA-MC74VHC00 Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
logo
Motorola, Inc
MC74VHC00D MOTOROLA-MC74VHC00D Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00DR2G ONSEMI-MC74VHC00DR2G Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
logo
Motorola, Inc
MC74VHC00DT MOTOROLA-MC74VHC00DT Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
More results


Similar Description - MC74VHC00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com