Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXU04D Datasheet (PDF) - ON Semiconductor

MC74LVXU04D Datasheet PDF - ON Semiconductor
Part # MC74LVXU04D
Download  MC74LVXU04D Download

File Size   83.46 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Inverter(Unbuffered)

MC74LVXU04D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LVXU04D Datasheet PDF - ON Semiconductor

Part # MC74LVXU04D
Download  MC74LVXU04D Click to download

File Size   83.46 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Inverter(Unbuffered)

MC74LVXU04D Datasheet (HTML) - ON Semiconductor

MC74LVXU04D Datasheet HTML 1Page - ON Semiconductor MC74LVXU04D Datasheet HTML 2Page - ON Semiconductor MC74LVXU04D Datasheet HTML 3Page - ON Semiconductor MC74LVXU04D Datasheet HTML 4Page - ON Semiconductor MC74LVXU04D Datasheet HTML 5Page - ON Semiconductor MC74LVXU04D Datasheet HTML 6Page - ON Semiconductor

MC74LVXU04D Product details

Hex Inverter (Unbuffered)

The MC74LVX04 is an advanced high speed CMOS unbuffered hex inverter. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.

Features
• High Speed: tPD = 4.1 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 2 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.5 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Pb−Free Packages are Available*



Similar Part No. - MC74LVXU04D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXU04DG ONSEMI-MC74LVXU04DG Datasheet
106Kb / 6P
   Hex Inverter
August, 2014 ??Rev. 4
MC74LVXU04DR2G ONSEMI-MC74LVXU04DR2G Datasheet
106Kb / 6P
   Hex Inverter
August, 2014 ??Rev. 4
MC74LVXU04DTG ONSEMI-MC74LVXU04DTG Datasheet
106Kb / 6P
   Hex Inverter
August, 2014 ??Rev. 4
MC74LVXU04DTR2G ONSEMI-MC74LVXU04DTR2G Datasheet
106Kb / 6P
   Hex Inverter
August, 2014 ??Rev. 4
More results


Similar Description - MC74LVXU04D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com