Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2153101042 Datasheet (PDF) - Molex Electronics Ltd.

2153101042 Datasheet PDF - Molex Electronics Ltd.
Part # 2153101042
Download  2153101042 Download
File Size   313.34 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 R-R 4ckt 150mm Sn

2153101042 Datasheet (PDF)

Go To PDF Page Download Datasheet
2153101042 Datasheet PDF - Molex Electronics Ltd.

Part # 2153101042
Download  2153101042 Click to download

File Size   313.34 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 R-R 4ckt 150mm Sn

2153101042 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2153101042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153101021 MOLEX-2153101021 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2153101022 MOLEX-2153101022 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2153101023 MOLEX-2153101023 Datasheet
299Kb / 1P
MizuP25 R-R 2ckt 300mm Sn
2020/07/20
2153101031 MOLEX-2153101031 Datasheet
309Kb / 1P
MizuP25 R-R 3ckt 150mm Sn
2020/07/20
2153101032 MOLEX-2153101032 Datasheet
309Kb / 1P
MizuP25 R-R 3ckt 150mm Sn
2020/07/20
More results


Similar Description - 2153101042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153101031 MOLEX-2153101031 Datasheet
309Kb / 1P
MizuP25 R-R 3ckt 150mm Sn
2020/07/20
2153111021 MOLEX-2153111021 Datasheet
319Kb / 1P
MizuP25 R-S 2ckt 150mm Sn
2020/07/20
2153111031 MOLEX-2153111031 Datasheet
323Kb / 1P
MizuP25 R-S 3ckt 150mm Sn
2020/07/20
2153111041 MOLEX-2153111041 Datasheet
339Kb / 1P
MizuP25 R-S 4ckt 150mm Sn
2020/07/20
2153131041 MOLEX-2153131041 Datasheet
342Kb / 1P
MizuP25 P-S 4ckt 150mm Sn
2020/07/20
2166211041 MOLEX-2166211041 Datasheet
334Kb / 1P
SQUBA3.6 R-S 4CKT 150MM Sn
2020/07/21
2174651041 MOLEX-2174651041 Datasheet
275Kb / 1P
ULTRA-FIT SR R-R 4CKT 150MM DISC Sn
2021/01/22
2196641042 MOLEX-2196641042 Datasheet
254Kb / 1P
KK 3.96 R-R 4ckt 150mm disc Sn
2022/01/19
2240891042 MOLEX-2240891042 Datasheet
100Kb / 1P
KK Plus250 R-R 4ckt 150mm disc Sn
2023/03/23
2244821042 MOLEX-2244821042 Datasheet
103Kb / 1P
MicroTPA 2.0 R-R 4ckt 150mm disc Sn
2023/02/08
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com