Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2025D Datasheet (PDF) - Unisonic Technologies

TEA2025D Datasheet PDF - Unisonic Technologies
Part # TEA2025D
Download  TEA2025D Download
File Size   248.14 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description STEREO AUDIO AMPLIFIER

TEA2025D Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA2025D Datasheet PDF - Unisonic Technologies

Part # TEA2025D
Download  TEA2025D Click to download

File Size   248.14 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description STEREO AUDIO AMPLIFIER

TEA2025D Datasheet (HTML) - Unisonic Technologies


TEA2025D Product details

DESCRIPTION
The UTC TEA2025D is a monolithic integrated circuit that intended for use as dual or bridge power audio amplifier portable radio cassette players.

FEATURES
* Dual or bridge connection modes.
* Few external components.
* Supply voltage down to 3V.
* High channel separation.
* Very low switch onoff noise.
* Max gain of 45dB with adjust external resistor.
* Soft clipping.
* Thermal protection.
* 3VCC<15V
* P=2*1W,VCC=6V,RL=4Ω
* P=2*2.3W,VCC=9V,RL=4Ω
* P=2*0.1W,VCC=3V,RL=4Ω




Similar Part No. - TEA2025D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025D STMICROELECTRONICS-TEA2025D Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025DG-S20-R UTC-TEA2025DG-S20-R Datasheet
259Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025D UTC-TEA2025D_15 Datasheet
259Kb / 7P
STEREO AUDIO AMPLIFIER
More results


Similar Description - TEA2025D

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
June 1994
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
STEREO AUDIO AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com