Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7PA Datasheet (PDF) - TOKO, Inc

7PA Datasheet PDF - TOKO, Inc
Part # 7PA
Download  7PA Download

File Size   20.58 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Variable Coils

7PA Datasheet (PDF)

Go To PDF Page Download Datasheet
7PA Datasheet PDF - TOKO, Inc

Part # 7PA
Download  7PA Click to download

File Size   20.58 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Variable Coils

7PA Datasheet (HTML) - TOKO, Inc

7PA Datasheet HTML 1Page - TOKO, Inc

7PA Product details

7mm TYPE 7PA

Frequency Range: 10–200kHz

Inductance Range:  1-22mH

Temperature Coefficient:TC(L) 250ppm/°C max

Internal Capacitance Values:10~6800pF



Features

• Designed for low frequencies and for use in RF applications, where a high saturation level becomes useful in achieving an extended dynamic range.




Similar Part No. - 7PA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
7PA10 OHMITE-7PA10 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
7PA100 OHMITE-7PA100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
7PA100E OHMITE-7PA100E Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
7PA100E OHMITE-7PA100E Datasheet
293Kb / 2P
   For 200, 210, 270 and 280 Series
7PA10E OHMITE-7PA10E Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
More results


Similar Description - 7PA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7KMM TOKO-7KMM Datasheet
31Kb / 2P
   Variable Coils
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
   Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
   Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
   VARIABLE COILS
logo
TOKO, Inc
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
   Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
   Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
   Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-2R0 XFMRS-XF757595-2R0 Datasheet
34Kb / 1P
   VARIABLE COILS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com