Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-1650-58 Datasheet (PDF) - Lite-On Technology Corporation

PA-1650-58 Datasheet PDF - Lite-On Technology Corporation
Part # PA-1650-58
Download  PA-1650-58 Download
File Size   390.01 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter Power Delivery 5/9/12/15/20V Series

PA-1650-58 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1650-58 Datasheet PDF - Lite-On Technology Corporation

Part # PA-1650-58
Download  PA-1650-58 Click to download

File Size   390.01 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter Power Delivery 5/9/12/15/20V Series

PA-1650-58 Datasheet (HTML) - Lite-On Technology Corporation


PA-1650-58 Product details

Description
This series is a class 1, single-output AC to DC 65W green adapter with C6 inlet type. It can be operated from AC 90V~264V with high efficiency performance for various ITE, industrial and networking application. It also complies with world-wide Safety and EMC regulations.

Features
* Full AC input voltage design with C6 socket
* Full Protections: Short-circuit/ Over-voltage/
Over-current/ Over temperature operating.
* Energy efficiency level VI compliance
* Slim and compact in size
* Universal USB Type-C DC plug
* IEC/EN 62368-1 design compliance
* Up to 5000 meters operating altitude (note #4)
* High reliability




Similar Part No. - PA-1650-58

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1650-50 LITEON-PA-1650-50 Datasheet
301Kb / 3P
Laptop Power Adapter
More results


Similar Description - PA-1650-58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M12ACDT-TR STMICROELECTRONICS-L78M12ACDT-TR Datasheet
650Kb / 31P
Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
Coolgear Inc.
USB-2COM-M COOLGEAR-USB-2COM-M Datasheet
122Kb / 2P
9 Adapter Industrial Metal Housing
logo
Lite-On Technology Corp...
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
Industrial Adapter 12V Series
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
Industrial Adapter 12V Series
PA-1151-08E LITEON-PA-1151-08E Datasheet
304Kb / 3P
Industrial Adapter 19V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1900-88 LITEON-PA-1900-88 Datasheet
311Kb / 3P
Industrial Adapter 19V Series
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com