Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2147512102 Datasheet (PDF) - Molex Electronics Ltd.

2147512102 Datasheet PDF - Molex Electronics Ltd.
Part # 2147512102
Download  2147512102 Download

File Size   349.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICROFIT 3.0 SR R-S 10CKT 600 MM AU

2147512102 Datasheet (PDF)

Go To PDF Page Download Datasheet
2147512102 Datasheet PDF - Molex Electronics Ltd.

Part # 2147512102
Download  2147512102 Click to download

File Size   349.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MICROFIT 3.0 SR R-S 10CKT 600 MM AU

2147512102 Datasheet (HTML) - Molex Electronics Ltd.

2147512102 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 2147512102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147512102 MOLEX-2147512102 Datasheet
47Kb / 1P
   Micro-Fit 3.0 Female-to-Pigtail Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Gold (Au) Plating, 10 Circuits, Black
More results


Similar Description - 2147512102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2147502101 MOLEX-2147502101 Datasheet
352Kb / 1P
   MICROFIT 3.0 SR R-R 10CKT 150 MM Au
2020/05/14
2147511101 MOLEX-2147511101 Datasheet
355Kb / 1P
   MICROFIT 3.0 SR R-S 10CKT 150 MM Sn
2020/05/14
2147512023 MOLEX-2147512023 Datasheet
292Kb / 1P
   MICROFIT 3.0 SR R-S 2CKT 600 MM AU
2020/05/14
2147501101 MOLEX-2147501101 Datasheet
344Kb / 1P
   MICROFIT 3.0 SR R-R 10CKT 150 MM Sn
2020/05/14
2147502043 MOLEX-2147502043 Datasheet
304Kb / 1P
   MICROFIT 3.0 SR R-R 4CKT 600 MM Au
2020/05/14
2147502083 MOLEX-2147502083 Datasheet
344Kb / 1P
   MICROFIT 3.0 SR R-R 8CKT 600 MM Au
2020/05/14
2147502063 MOLEX-2147502063 Datasheet
330Kb / 1P
   MICROFIT 3.0 SR R-R 6CKT 600 MM Au
2020/05/14
2147531101 MOLEX-2147531101 Datasheet
354Kb / 1P
   MICROFIT 3.0 SR P-S 10CKT 150 MM Sn
2020/05/14
2147512051 MOLEX-2147512051 Datasheet
324Kb / 1P
   MICROFIT 3.0 SR R-S 5CKT 150 MM Au
2020/05/14
2147512081 MOLEX-2147512081 Datasheet
344Kb / 1P
   MICROFIT 3.0 SR R-S 8CKT 150 MM AU
2020/05/14
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com