![]() |
Electronic Components Datasheet Search |
|
MCK12140D Datasheet (PDF) - ON Semiconductor |
MCK12140D Datasheet (HTML) - ON Semiconductor |
MCK12140D Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MCK12140D |
Download | MCK12140D Click to view |
File Size | 130.69 Kbytes |
Page | 5 Pages |
Maker | ONSEMI [ON Semiconductor] |
Homepage | http://www.onsemi.com |
Logo | |
Description | Phase-Frequency Detector |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
MC12040 | Phase-Frequency Detector | 1 2 3 4 5 | Motorola, Inc |
SDP8314-301 | SDP Series Optoschmitt Detector Side-looking Plastic Package | 1 2 3 4 | Honeywell Solid State Electronics Center |
NCP400 | 150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output | 1 2 3 4 5 More | ON Semiconductor |
MAX3964A | +3.0V to +5.5V 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector | 1 2 3 4 5 More | Maxim Integrated Products |
AD8364 | LF to 2.7 GHz Dual 60 dB TruPwr Detector | 1 2 3 4 5 More | Analog Devices |
MM74HC688 | 8-Bit Magnitude Comparator Equality Detector | 1 2 3 4 5 More | Fairchild Semiconductor |
THAT2252 | IC RMS-Level Detector | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |