Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCID9401 Datasheet (PDF) - ON Semiconductor

NCID9401 Datasheet PDF - ON Semiconductor
Part # NCID9401_V01
Download  NCID9401 Download

File Size   441.77 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Quad-Channel Digital Isolator

NCID9401 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCID9401 Datasheet PDF - ON Semiconductor

Part # NCID9401_V01
Download  NCID9401 Click to download

File Size   441.77 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Quad-Channel Digital Isolator

NCID9401 Datasheet (HTML) - ON Semiconductor

Back Button NCID9401_V01 Datasheet HTML 1Page - ON Semiconductor NCID9401_V01 Datasheet HTML 2Page - ON Semiconductor NCID9401_V01 Datasheet HTML 3Page - ON Semiconductor NCID9401_V01 Datasheet HTML 4Page - ON Semiconductor NCID9401_V01 Datasheet HTML 5Page - ON Semiconductor NCID9401_V01 Datasheet HTML 6Page - ON Semiconductor NCID9401_V01 Datasheet HTML 7Page - ON Semiconductor NCID9401_V01 Datasheet HTML 8Page - ON Semiconductor NCID9401_V01 Datasheet HTML 9Page - ON Semiconductor NCID9401_V01 Datasheet HTML 10Page - ON Semiconductor Next Button 

NCID9401 Product details

Description
The NCID9401, NCID9411, NCID9400 and NCID9410 are
galvanically isolated high−speed quad−channel digital isolator with
output enable. This device supports isolated communications thereby
allowing digital signals to communicate between systems without
conducting ground loops or hazardous voltages.
It utilizes onsemi’s patented galvanic off−chip capacitor isolation
technology and optimized IC design to achieve high insulation and
high noise immunity, characterized by high common mode rejection
and power supply rejection specifications. The thick ceramic substrate
yields capacitors with ~25 times the thickness of thin film on−chip
capacitors and coreless transformers. The result is a combination of
the electrical performance benefits that digital isolators offer with the
safety reliability of a >0.5 mm insulator barrier similar to what has
historically been offered by optocouplers.
The device is housed in a 16−pin wide body small outline package.

Features
• Off−Chip Capacitive Isolation to Achieve Reliable High Voltage
Insulation
♦ DTI (Distance Through Insulation): ≥ 0.5 mm
♦ Maximum Working Insulation Voltage: 2000 Vpeak
• Bi−directional Communication
• 100 kV/s Minimum Common Mode Rejection
• 8 mm Creepage and Clearance Distance to Achieve Reliable High
Voltage Insulation
• Specifications Guaranteed Over 2.5 V to 5.5 V Supply Voltage
and −40°C to 125°C Extended Temperature Range
• Over Temperature Detection
• Output Enable Function (Primary and Secondary side)
• NCIV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable (Pending)
• Safety and Regulatory Approvals
♦ UL1577, 5000 VRMS for 1 Minute
♦ DIN EN/IEC 60747−17 (Pending)

Typical Applications
• Isolated PWM Control
• Industrial Fieldbus Communications
• Microprocessor System Interface (SPI, I2C, etc.)
• Programmable Logic Control
• Isolated Data Acquisition System
• Voltage Level Translator




Similar Part No. - NCID9401_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCID9401R2 ONSEMI-NCID9401R2 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
More results


Similar Description - NCID9401_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISOS141-SEP TI-ISOS141-SEP Datasheet
1Mb / 40P
[Old version datasheet]   ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
   High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com