Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104EDR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TXS0104EDR Datasheet PDF - Texas Instruments
Part # TXS0104EDR
Download  TXS0104EDR Download
File Size   2204.53 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0104EDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0104EDR Datasheet PDF - Texas Instruments

Part # TXS0104EDR
Download  TXS0104EDR Click to download

File Size   2204.53 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0104EDR Datasheet (HTML) - Texas Instruments


TXS0104EDR Product details

1 Features
• No direction-control signal needed
• Maximum data rates:
– 24Mbps (push pull)
– 2Mbps (open drain)
• Available in the Texas Instruments NanoFree™
package
• 1.65 V to 3.6 V on A port and 2.3 V to 5.5 V on B
port (VCCA ≤ VCCB)
• No power-supply sequencing required – VCCA or
VCCB can be ramped first
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22:
– A port:
• 2000-V Human-Body Model (A114-B)
• 200-V Machine Model (A115-A)
• 1000-V Charged-Device Model (C101)
– B port:
• 15-kV Human-Body Model (A114-B)
• 200-V Machine Model (A115-A)
• 1000-V Charged-Device Model (C101)
• IEC 61000-4-2 ESD (B port):
– ±8-kV contact discharge
– ±10-kV air-gap discharge

2 Applications
• Handset
• Smartphone
• Tablet
• Desktop PC

3 Description
This 4-bit non-inverting translator uses two separate
configurable power-supply rails. The A port is
designed to track VCCA. VCCA accepts any supply
voltage from 1.65 V to 3.6 V. VCCA must be less
than or equal to VCCB. The B port is designed to
track VCCB. VCCB accepts any supply voltage from 2.3
V to 5.5 V. This allows for low-voltage bidirectional
translation between any of the 1.8-V, 2.5-V, 3.3-V, and
5-V voltage nodes.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance state.
The TXS0104E is designed so that the OE input
circuit is supplied by VCCA.
For the high-impedance state during power up
or power down, tie OE to GND through a pulldown
resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the
driver.




Similar Part No. - TXS0104EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104EDR TI-TXS0104EDR Datasheet
729Kb / 21P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104EDR TI-TXS0104EDR Datasheet
679Kb / 22P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EDR TI-TXS0104EDR Datasheet
807Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EDR TI-TXS0104EDR Datasheet
814Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EDR TI-TXS0104EDR Datasheet
910Kb / 26P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Similar Description - TXS0104EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_V01 Datasheet
1Mb / 41P
TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E-Q1 TI-TXS0104E-Q1_V01 Datasheet
1Mb / 28P
TXS0104E-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED JUNE 2023
TXS0104E-Q1 TI-TXS0104E-Q1_V02 Datasheet
1Mb / 32P
TXS0104E-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com