Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF491XG Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF491XG Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF491XG
Download  MGF491XG Download

File Size   19.34 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SUPER LOW NOISE InGaAs HEMT

MGF491XG Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF491XG Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF491XG
Download  MGF491XG Click to download

File Size   19.34 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SUPER LOW NOISE InGaAs HEMT

MGF491XG Datasheet (HTML) - Mitsubishi Electric Semiconductor

MGF491XG Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF491XG Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF491XG Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

MGF491XG Product details

DESCRIPTION
The MGF491xG series super-low-noise HEMT(High Electron Mobility Transistor) is designed for use in L to Ku band amplifiers.
The hermetically sealed metal-ceramic package assures minimumu parasitic losses, and has a configuration suitable for microstrip circuits.
The MGF491*G series is mounted in the super 12 tape.

FEATURES
• Low noise figure @f=12GHz
   MGF4916G:NFmin.=0.80dB(MAX.)
   MGF4919G:NFmin.=0.50dB(MAX.)
• High associated gain @f=12GHz
   Gs=12.0dB(MIN.)

APPLICATION
   L to Ku band low noise amplifiers.




Similar Part No. - MGF491XG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
MGF4914D MITSUBISHI-MGF4914D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4914E MITSUBISHI-MGF4914E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
MGF4916D MITSUBISHI-MGF4916D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
More results


Similar Description - MGF491XG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF431XG MITSUBISHI-MGF431XG Datasheet
33Kb / 3P
   Super Low Noise InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com