Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVSXU1UPA_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

PTVSXU1UPA_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # PTVSXU1UPA_SER
Download  PTVSXU1UPA_SER Download
File Size   881.16 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 300 W Transient Voltage Suppressor

PTVSXU1UPA_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVSXU1UPA_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # PTVSXU1UPA_SER
Download  PTVSXU1UPA_SER Click to download

File Size   881.16 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 300 W Transient Voltage Suppressor

PTVSXU1UPA_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


PTVSXU1UPA_SER Product details

1.1 General description
300 W unidirectional Transient Voltage Suppressor (TVS) in a DFN2020-3 (SOT1061)
leadless medium power Surface-Mounted Device (SMD) plastic package, designed for
transient overvoltage protection.
1.2 Features and benefits
1.3 Applications
 Power supply protection
 Industrial application
 Power management
 Rated peak pulse power: PPPM = 300 W  Reverse current: IRM = 1 nA
 Reverse standoff voltage range:
VRWM = 7.5 V to 26 V
 Very low package height: 0.65 mm
 AEC-Q101 qualified




Similar Part No. - PTVSXU1UPA_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXU1UPA NEXPERIA-PTVSXU1UPA Datasheet
510Kb / 13P
300 W Transient Voltage Suppressor
More results


Similar Description - PTVSXU1UPA_SER

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Comchip Technology
CTAN1424V-G COMCHIP-CTAN1424V-G Datasheet
147Kb / 3P
300 Watt Transient Voltage Suppressor
logo
ON Semiconductor
SMF20AT1G ONSEMI-SMF20AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
logo
Nexperia B.V. All right...
PTVSXU1UPA NEXPERIA-PTVSXU1UPA Datasheet
510Kb / 13P
300 W Transient Voltage Suppressor
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
300 W Transient Voltage Suppressor
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
300 W Transient Voltage Suppressor
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
400 W Transient Voltage Suppressor
1 June 2022
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com