Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLH300 Datasheet (PDF) - Skyworks Solutions Inc.

OLH300 Datasheet PDF - Skyworks Solutions Inc.
Part # OLH300
Download  OLH300 Download
File Size   349.98 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description High-Speed Hermetic Optocoupler

OLH300 Datasheet (PDF)

Go To PDF Page Download Datasheet
OLH300 Datasheet PDF - Skyworks Solutions Inc.

Part # OLH300
Download  OLH300 Click to download

File Size   349.98 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description High-Speed Hermetic Optocoupler

OLH300 Datasheet (HTML) - Skyworks Solutions Inc.


OLH300 Product details

Features
 Electrical parameters guaranteed over –55 °C to +125 °C
ambient temperature range
 1000 VDC electrical isolation
 High-speed, 1 Mbps typical
 Open collector output
 300 KHz bandwidth
 TO-5 hermetic package
 Similar to 6N135/6N136, 4N55
 Radiation tolerant
 Offers 100% high-reliability screening




Similar Part No. - OLH300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLH300 ETC-OLH300 Datasheet
31Kb / 3P
High Speed Hermetic Optocoupler
More results


Similar Description - OLH300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLF300 ETC-OLF300 Datasheet
26Kb / 3P
High-Speed Hermetic Surface Mount Optocoupler
OLH300 ETC-OLH300 Datasheet
31Kb / 3P
High Speed Hermetic Optocoupler
logo
Skyworks Solutions Inc.
OLF300 SKYWORKS-OLF300 Datasheet
263Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 6, 2017
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
OLH5530 SKYWORKS-OLH5530 Datasheet
281Kb / 6P
Hermetic High-Speed Transistor Dual-Channel Optocoupler
June 19, 2017
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLH5630 SKYWORKS-OLH5630 Datasheet
321Kb / 6P
Hermetic High CMR/High-Speed Dual-Channel Optocoupler
April 17, 2017
OLS300 SKYWORKS-OLS300 Datasheet
376Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 1, 2017
OLS600 SKYWORKS-OLS600 Datasheet
282Kb / 6P
Hermetic Surface Mount, High-Speed Schmitt Trigger Optocoupler
June 22, 2017
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com