Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8660BA-B-IS1 Datasheet (PDF) - Skyworks Solutions Inc.

SI8660BA-B-IS1 Datasheet PDF - Skyworks Solutions Inc.
Part # SI8660BA-B-IS1
Download  SI8660BA-B-IS1 Download

File Size   1120.99 Kbytes
Page   35 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description LOW POWER SIX-CHANNEL DIGITAL ISOLATOR

SI8660BA-B-IS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8660BA-B-IS1 Datasheet PDF - Skyworks Solutions Inc.

Part # SI8660BA-B-IS1
Download  SI8660BA-B-IS1 Click to download

File Size   1120.99 Kbytes
Page   35 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description LOW POWER SIX-CHANNEL DIGITAL ISOLATOR

SI8660BA-B-IS1 Datasheet (HTML) - Skyworks Solutions Inc.

Back Button SI8660BA-B-IS1 Datasheet HTML 1Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 2Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 3Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 4Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 5Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 6Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 7Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 8Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 9Page - Skyworks Solutions Inc. SI8660BA-B-IS1 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

SI8660BA-B-IS1 Product details

Features
 High-speed operation
DC to 150 Mbps
 No start-up initialization required
 Wide Operating Supply Voltage:
2.70–5.5 V
 Wide Operating Supply Voltage:
2.70–5.5V
 Ultra low power (typical)
5 V Operation:
< 1.6 mA per channel at 1 Mbps
< 6 mA per channel at 100 Mbps
2.70 V Operation:
< 1.4 mA per channel at 1 Mbps
< 4 mA per channel at 100 Mbps
 High electromagnetic immunity
 Up to 2500 VRMS isolation
 60-year life at rated working
voltage
 Precise timing (typical)
<10 ns worst case
1.5 ns pulse width distortion
0.5 ns channel-channel skew
2 ns propagation delay skew
6 ns minimum pulse width
 Transient Immunity 25 kV/μs
 Wide temperature range
–40 to 125 °C at 150 Mbps
 RoHS-compliant packages
SOIC-16 narrow body




Similar Part No. - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Si8660BA-B-IS1 SILABS-Si8660BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
More results


Similar Description - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com