Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI515 Datasheet (PDF) - Skyworks Solutions Inc.

SI515 Datasheet PDF - Skyworks Solutions Inc.
Part # SI515
Download  SI515 Download

File Size   1092.31 Kbytes
Page   24 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ

SI515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI515 Datasheet PDF - Skyworks Solutions Inc.

Part # SI515
Download  SI515 Click to download

File Size   1092.31 Kbytes
Page   24 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ

SI515 Datasheet (HTML) - Skyworks Solutions Inc.


SI515 Product details

Features
 Supports any frequency from
100 kHz to 250 MHz
 Low-jitter operation
 Short lead times: <2 weeks
 AT-cut fundamental mode crystal
ensures high reliability/low aging
 High power supply noise rejection
 1% control voltage linearity
 Available CMOS, LVPECL, LVDS,
and HCSL outputs
 Optional integrated 1:2 CMOS
fanout buffer
 3.3 and 2.5 V supply options
 Industry-standard 5x7, 3.2x5, and
2.5x3.2 mm packages
 Pb-free/RoHS-compliant
 Selectable Kv (60, 90, 120,
150 ppm/V)




Similar Part No. - SI515

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Similar Description - SI515

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
   DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI510 SILABS-SI510 Datasheet
234Kb / 26P
   CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
logo
Skyworks Solutions Inc.
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
7311D NDK-7311D Datasheet
77Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com