Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2457 Datasheet (PDF) - Skyworks Solutions Inc.

SI2457 Datasheet PDF - Skyworks Solutions Inc.
Part # SI2457
Download  SI2457 Download

File Size   1014.9 Kbytes
Page   60 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA

SI2457 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2457 Datasheet PDF - Skyworks Solutions Inc.

Part # SI2457
Download  SI2457 Click to download

File Size   1014.9 Kbytes
Page   60 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA

SI2457 Datasheet (HTML) - Skyworks Solutions Inc.

Back Button SI2457 Datasheet HTML 1Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 2Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 3Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 4Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 5Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 6Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 7Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 8Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 9Page - Skyworks Solutions Inc. SI2457 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

SI2457 Product details

Features
 This data sheet applies to
Si2457/34/15/04 Revision D
 Data modem formats
ITU-T, Bell
300 bps up to 56 kbps
V.21,V.22, V.29 Fast Connect
V.44, V.42, V.42bis, MNP2-5
Automatic rate negotiation
 Type I and II caller ID decode
 No external ROM or RAM required
 UART, SPI, or parallel interface
 Flexible clock options
Low-cost 32.768 kHz oscillator
4.915 MHz oscillator
27 MHz clock input
 Integrated DAA
Over 6000 V capacitive
isolation
Parallel phone detect
Globally-compliant line
interface
Overcurrent detection
 AT command set support
 SMS / MMS support
 Firmware upgradeable
 EEPROM interface
 Lead-free, RoHS-compliant
packages
 Commercial or industrial
temperature range
 DTMF detection/generation




Similar Part No. - SI2457

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
Si2457-D-FS18-EVB SILABS-Si2457-D-FS18-EVB Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Similar Description - SI2457

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com