Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867ES Datasheet (PDF) - Fujitsu Component Limited.

MB90867ES Datasheet PDF - Fujitsu Component Limited.
Part # MB90867ES
Download  MB90867ES Download

File Size   972.59 Kbytes
Page   67 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Proprietary Microcontroller CMOS

MB90867ES Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90867ES Datasheet PDF - Fujitsu Component Limited.

Part # MB90867ES
Download  MB90867ES Click to download

File Size   972.59 Kbytes
Page   67 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Proprietary Microcontroller CMOS

MB90867ES Datasheet (HTML) - Fujitsu Component Limited.


MB90867ES Product details

■ DESCRIPTION
MB90860E-series with Flash ROM is especially designed for automotive and other industrial applications. With the new 0.35 µm CMOS technology, Fujitsu now offers on-chip Flash ROM program memory up to 512 Kbytes.
The power supply (3 V) is supplied to the internal MCU core from an internal regulator circuit. This creates a major advantage in terms of EMI and power consumption.
The internal PLL clock frequency multiplier provides an internal 42 ns instruction cycle time from an external 4 MHz clock.
The unit features an 8 channel Output Compare Unit and 8 channel Input Capture Unit with 2 separate 16-bit free running timers. 4 UARTs constitute additional functionality for communication purposes.

■ FEATURES
• CPU
    • Instruction system best suited to controller
    • Wide choice of data types (bit, byte, word, and long word)
    • Wide choice of addressing modes(23 types)
    • Enhanced multiply-divide instructions and RETI instructions
    • Enhanced high-precision computing with 32-bit accumulator
    • Instruction system compatible with high-level language (C language) and multitask
    • Employing system stack pointer
    • Enhanced various pointer indirect instructions
    • Barrel shift instructions
    • Increased processing speed
    • 4-byte instruction queue
• Serial interface
    • UART (LIN/SCI) : up to 4 channels
    • Equipped with full-duplex double buffer
    • Clock-asynchronous or clock-synchronous serial transmission is available
    • I2C interface* : up to 2 channels
    • Up to 400 Kbits/s transfer rate
• Interrupt controller
    • Powerful interrupt function
    • Powerful 8-level, 34-condition interrupt feature
    • Up to 16 external interrupts are supported
    • Automatic data transfer function independent of CPU
    • Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• I/O port
    • General-purpose input/output port (CMOS output)
        - 80 ports (devices without S-suffix)
        - 82 ports (devices with S-suffix)
• 8/10-bit A/D converter
    • 8/10-bit A/D converter : 24 channels
    • Resolution is selectable between 8-bit and 10-bit.
    • Activation by external trigger input is allowed.
    • Conversion time : 3 µs (at 24-MHz machine clock, including sampling time)
    • Program patch function
• Timer
    • Time-base timer, clock timer, watchdog timer : 1 channel
    • 8/16-bit PPG timer : 8-bit × 16 channels, or 16-bit × 8 channels
    • 16-bit reload timer : 4 channels
    • 16-bit input/output timer
        - 16-bit free run timer : 2 channel
        (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
        - 16-bit input capture: (ICU) : 8 channels
        - 16-bit output compare : (OCU) : 8 channels
• Variety of mode
    • Low power consumption (standby) mode
    • Sleep mode (a mode that halts CPU operating clock)
    • Main timer mode (time-base timer mode that is transferred from main clock mode)
    • PLL timer mode (time-base timer mode that is transferred from PLL clock mode)
    • Watch mode (a mode that operates sub clock and clock timer only)
    • Stop mode (a mode that stops oscillation clock and sub clock)
    • CPU blocking operation mode
• Technology
    • 0.35 µm CMOS technology




Similar Part No. - MB90867ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPFV FUJITSU-MB90867ESPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results


Similar Description - MB90867ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com