Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI552 Datasheet (PDF) - Skyworks Solutions Inc.

SI552 Datasheet PDF - Skyworks Solutions Inc.
Part # SI552
Download  SI552 Download
File Size   499.62 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ

SI552 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI552 Datasheet PDF - Skyworks Solutions Inc.

Part # SI552
Download  SI552 Click to download

File Size   499.62 Kbytes
Page   15 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ

SI552 Datasheet (HTML) - Skyworks Solutions Inc.


SI552 Product details

Features
 Available with any-rate output
frequencies from 10–945 MHz and
selected frequencies to 1.4 GHz
 Two selectable output frequencies
 3rd generation DSPLL® with superior
jitter performance
 3x better frequency stability than
SAW-based oscillators
 Internal fixed crystal frequency
ensures high reliability and low
aging
 Available CMOS, LVPECL,
LVDS, and CML outputs
 3.3, 2.5, and 1.8 V supply options
 Industry-standard 5 x 7 mm
package and pinout
 Pb-free/RoHS-compliant




Similar Part No. - SI552

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Similar Description - SI552

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
SI552 SILABS-SI552 Datasheet
186Kb / 8P
DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com