Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD142 Datasheet (PDF) - Solitron Devices Inc.

BD142 Datasheet PDF - Solitron Devices Inc.
Part # BD142
Download  BD142 Download

File Size   353.49 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description PRO-ELECTRON POWER TRANSISTORS

BD142 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD142 Datasheet PDF - Solitron Devices Inc.

Part # BD142
Download  BD142 Click to download

File Size   353.49 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description PRO-ELECTRON POWER TRANSISTORS

BD142 Datasheet (HTML) - Solitron Devices Inc.

BD142 Datasheet HTML 1Page - Solitron Devices Inc. BD142 Datasheet HTML 2Page - Solitron Devices Inc.


Similar Part No. - BD142

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
BD142 ETC-BD142 Datasheet
132Kb / 3P
   NPN Silicon Transistor Power Linerar and Switching Applications
Savantic, Inc.
Savantic, Inc.
BD142 SAVANTIC-BD142 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
Comset Semiconductor
Comset Semiconductor
BD142 COMSET-BD142 Datasheet
81Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
BD142 ISC-BD142 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
Comset Semiconductor
Comset Semiconductor
BD142 COMSET-BD142 Datasheet
75Kb / 2P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
More results

Similar Description - BD142

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
BF256 NSC-BF256 Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
First Components International
First Components Intern...
BZY47C3V3 FCI-BZY47C3V3_1 Datasheet
163Kb / 2P
   2 Watt ZENER DIODES (3.3V to 200V) PRO ELECTRON REGISTRATION
List of Unclassifed Manufacturers
List of Unclassifed Man...
437A ETC2-437A Datasheet
91Kb / 4P
   ELECTRON TUBE
Hamamatsu Corporation
Hamamatsu Corporation
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
   ELECTRON MULTIPLIER
R8811 HAMAMATSU-R8811_15 Datasheet
493Kb / 2P
   ELECTRON MULTIPLIER
R4146-10 HAMAMATSU-R4146-10_15 Datasheet
132Kb / 2P
   ELECTRON MULTIPLIER
List of Unclassifed Manufacturers
List of Unclassifed Man...
6F3P ETC-6F3P Datasheet
163Kb / 4P
   electron Tube
6J1 ETC-6J1 Datasheet
170Kb / 4P
   electron Tube
OptoDiode Corp
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
   ELECTRON DETECTION 100 mm Ideal for electron detection
List of Unclassifed Manufacturers
List of Unclassifed Man...
5591 ETC2-5591 Datasheet
61Kb / 1P
   ADVANCE ELECTRON TUBE
OptoDiode Corp
OptoDiode Corp
ODD-AXU-048 OPTODIODE-ODD-AXU-048 Datasheet
313Kb / 2P
   ELECTRON DETECTION 576 mm2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com