Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3171 Datasheet (PDF) - Fairchild Semiconductor

LM3171 Datasheet PDF - Fairchild Semiconductor
Part # LM3171
Download  LM3171 Download

File Size   46.23 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.1A Positive Adjustable Regulator

LM3171 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3171 Datasheet PDF - Fairchild Semiconductor

Part # LM3171
Download  LM3171 Click to download

File Size   46.23 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.1A Positive Adjustable Regulator

LM3171 Datasheet (HTML) - Fairchild Semiconductor

LM3171 Datasheet HTML 1Page - Fairchild Semiconductor LM3171 Datasheet HTML 2Page - Fairchild Semiconductor LM3171 Datasheet HTML 3Page - Fairchild Semiconductor LM3171 Datasheet HTML 4Page - Fairchild Semiconductor LM3171 Datasheet HTML 5Page - Fairchild Semiconductor LM3171 Datasheet HTML 6Page - Fairchild Semiconductor LM3171 Datasheet HTML 7Page - Fairchild Semiconductor LM3171 Datasheet HTML 8Page - Fairchild Semiconductor

LM3171 Product details

LM3171 -> Correct Partnumber : LM317L

Description
The LM317L is a 3-terminal adjustable positive voltage regulator capable of supplying in excess of 100mA over an output voltage range of 1 .2V to 37V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage.

Features
• Output current in excess of 100mA
• Output adjustable between 1.2V and 37V
• Internal thermal-overload protection
• Internal short-circuit current-limiting
• Output transistor safe-area compensation
• Floating operation for high-voltage applications




Similar Part No. - LM3171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM317 ARTSCHIP-LM317 Datasheet
963Kb / 7P
   Low Voltage Audio Power Amplifier
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results


Similar Description - LM3171

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317L FAIRCHILD-KA317L Datasheet
36Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L_12 Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317L FAIRCHILD-KA317L Datasheet
157Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
logo
First Silicon Co., Ltd
FR317S FS-FR317S Datasheet
258Kb / 5P
   3-TERMINAL 0.1A POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com