![]() |
Electronic Components Datasheet Search |
|
SUP40N10-35 Datasheet (PDF) - Vishay Siliconix |
SUP40N10-35 Datasheet (HTML) - Vishay Siliconix |
SUP40N10-35 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | SUP40N10-35 |
Download | SUP40N10-35 Click to view |
File Size | 97.08 Kbytes |
Page | 6 Pages |
Maker | VISHAY [Vishay Siliconix] |
Homepage | http://www.vishay.com |
Logo | |
Description | N-Channel 105-V (D-S) 175C MOSFET |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 | Vishay Siliconix |
SI6862DQ | Dual N-Channel 20-V D-S MOSFET with Current Sense | 1 2 3 4 5 More | Vishay Siliconix |
SI3424DV | N-Channel 30-V D-S MOSFET | 1 2 3 4 | Vishay Siliconix |
SI1304BDL | N-Channel 30-V D-S MOSFET | 1 2 3 | Vishay Siliconix |
SI4914DY | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
SI4410BDY | N-Channel 30-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
SI1304DL | N-Channel 25-V D-S MOSFET | 1 2 3 4 5 | Vishay Siliconix |
PJP75N75 | 75V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
PJD06N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
2SK3513-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |