Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB-E3 Datasheet (PDF) - Renesas Technology Corp

UPC8172TB-E3 Datasheet PDF - Renesas Technology Corp
Part # UPC8172TB-E3
Download  UPC8172TB-E3 Download

File Size   308.18 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8172TB-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8172TB-E3 Datasheet PDF - Renesas Technology Corp

Part # UPC8172TB-E3
Download  UPC8172TB-E3 Click to download

File Size   308.18 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8172TB-E3 Datasheet (HTML) - Renesas Technology Corp

Back Button UPC8172TB-E3 Datasheet HTML 1Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 2Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 3Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 4Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 5Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 6Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 7Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 8Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 9Page - Renesas Technology Corp UPC8172TB-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

UPC8172TB-E3 Product details

FEATURES
• Recommended operating frequency : fRFout = 0.8 to 2.5 GHz
• Higher IP3 : CG = 9.5 dB TYP., OIP3 = +7.5 dBm TYP. @ fRFout = 0.9 GHz
• High-density surface mounting : 6-pin super minimold package
• Supply voltage : VCC = 2.7 to 3.3 V




Similar Part No. - UPC8172TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB-E3-A CEL-UPC8172TB-E3-A Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
More results


Similar Description - UPC8172TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com