Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-I Datasheet (PDF) - Transko Electronics, Inc.

TX-I Datasheet PDF - Transko Electronics, Inc.
Part # TX-I
Download  TX-I Download

File Size   181.98 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)

TX-I Datasheet (PDF)

Go To PDF Page Download Datasheet
TX-I Datasheet PDF - Transko Electronics, Inc.

Part # TX-I
Download  TX-I Click to download

File Size   181.98 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)

TX-I Datasheet (HTML) - Transko Electronics, Inc.


TX-I Product details

FEATURES:
• DIGITALLY COMPENSATED
• LOW VOLTAGE / TIGHT STABILITY
• LOW COST FOR A TIGHT STABILITY TCXO
APPLICATIONS:
• Cellular Phone, CDMA
• GSM, GPS
• SONET, Microprocessor




Similar Part No. - TX-I

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TX-IO-DX06 TURCK-TX-IO-DX06 Datasheet
344Kb / 3P
   TX HMI/PLC Series Plug-In Module 8 DI, 6 DO, 1 Relay Output
2023-07-21
TX-IO-XX03 TURCK-TX-IO-XX03 Datasheet
643Kb / 5P
   TX HMI/PLC Series Plug-In Module 20 DI, 12 DO 0.5 A ,4 AI (U, I, RTD, TC), 4 AO (U, I)
2023-07-21
More results


Similar Description - TX-I

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
   ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
TX-J TRANSKO-TX-J Datasheet
309Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.55mm)
Rev 2: 03-02-2023
TE-J TRANSKO-TE-J Datasheet
481Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.6mm)
Rev. 0: Oct. 2015
TX-N TRANSKO-TX-N Datasheet
306Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.71mm)
Rev. 4: 12-11-2020
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
   TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
TX-T TRANSKO-TX-T Datasheet
315Kb / 2P
   TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
   MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
   MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com