Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J136CUM4-12L Datasheet (PDF) - Teledyne Technologies Incorporated

J136CUM4-12L Datasheet PDF - Teledyne Technologies Incorporated
Part # J136CUM4-12L
Download  J136CUM4-12L Download

File Size   612.55 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE

J136CUM4-12L Datasheet (PDF)

Go To PDF Page Download Datasheet
J136CUM4-12L Datasheet PDF - Teledyne Technologies Incorporated

Part # J136CUM4-12L
Download  J136CUM4-12L Click to download

File Size   612.55 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE

J136CUM4-12L Datasheet (HTML) - Teledyne Technologies Incorporated


J136CUM4-12L Product details

DESCRIPTION
The sensitive 136C Centigrid® relay is an ultraminiature, hermetically
sealed, armature relay capable of being directly driven by most IC logic
families. Its .100” grid spaced terminals, which preclude the need for
spreader pads, make it ideal for applications where extreme packaging
density and/or close PC board spacing are required.
The basic concept and internal mechanical structure are similar to the 134
DPDT relay. The following unique construction features and manufacturing
techniques provide overall high reliability and excellent resistance to
environmental extremes:

The 136C feature:
• All welded construction.
• Advanced cleaning techniques provide maximum assurance of internal
cleanliness.
• Unique uni-frame design providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Precious metal alloy contact material with gold plating assures excellent
high current and dry circuit switching capabilities.
• Low operating power
By virtue of its inherently low intercontact capacitance and contact circuit
losses, the 136C relay has proven to be an excellent ultraminiature RF
switch for frequency ranges well into the UHF spectrum. A typical RF
application for this Centigrid® relay is in handheld radio transceivers,
wherein the combined features of good RF performance, small size, low
coil power dissipation and high reliability make it a preferred method of
Transmit-Receive switching.
The Series 136C utilizes an internal silicon diode for coil suppression,
a Zener diode to protect the MOSFET gate input, and an N-channel
enhancement mode MOSFET chip, which enables direct relay interfacing
with most Microprocessor and IC logic families (CMOS, TTL and MOS).




Similar Part No. - J136CUM4-12L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
J13003 JINGDAO-J13003 Datasheet
119Kb / 3P
   Bipolar Junction Transistor
logo
Fairchild Semiconductor
J13007-1 FAIRCHILD-J13007-1 Datasheet
546Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
J13009 FAIRCHILD-J13009 Datasheet
128Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
J13009-2 FAIRCHILD-J13009-2 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
J13009-2 FAIRCHILD-J13009-2 Datasheet
128Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
More results


Similar Description - J136CUM4-12L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
420 TELEDYNE-420 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
logo
Teledyne Technologies I...
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
J412-12WM TELEDYNE-J412-12WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
M3901615-033L TELEDYNE-M3901615-033L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
logo
Vishay Siliconix
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability Military MIL-PRF-M39006/33 Qualified, Style CLR93
Revision: 12-Nov-2019
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com