Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004C1A-12 Datasheet (PDF) - Samsung semiconductor

K6R1004C1A-12 Datasheet PDF - Samsung semiconductor
Part # K6R1004C1A-12
Download  K6R1004C1A-12 Download

File Size   127.4 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out

K6R1004C1A-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
K6R1004C1A-12 Datasheet PDF - Samsung semiconductor

Part # K6R1004C1A-12
Download  K6R1004C1A-12 Click to download

File Size   127.4 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out

K6R1004C1A-12 Datasheet (HTML) - Samsung semiconductor

K6R1004C1A-12 Datasheet HTML 1Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 2Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 3Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 4Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 5Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 6Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 7Page - Samsung semiconductor K6R1004C1A-12 Datasheet HTML 8Page - Samsung semiconductor

K6R1004C1A-12 Product details

GENERAL DESCRIPTION

The K6R1004C1A is a 1,048,576-bit high-speed Static Random Access Memory organized as 262,144 words by 4 bits. The K6R1004C1A uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAM SUNG¢s advanced CMOS process and designed for high speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6R1004C1A is packaged in a 400 mil 32-pin plastic SOJ.



FEATURES

•Fast Access Time 12, 15, 20ns(Max.)

• Low Power Dissipation

   Standby (TTL) : 25mA(Max.)

              (CMOS) : 8mA(Max.)

   Operating K6R1004C1A-12 : 150mA(Max.)

                 K6R1004C1A-15 : 145mA(Max.)

                 K6R1004C1A-20 : 140mA(Max.)

•Single 5.0V±10% Power Supply

•TTL Compatible Inputs and Outputs

•I/O Compatible with 3.3V Device

•Fully Static Operation

- No Clock or Refresh required

•Three State Outputs

•Center Power/Ground Pin Configuration

•Standard Pin Configuration

                K6R1004C1A-J : 32-SOJ-400




Similar Part No. - K6R1004C1A-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-10 SAMSUNG-K6R1004C1B-10 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-12 SAMSUNG-K6R1004C1B-12 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-8 SAMSUNG-K6R1004C1B-8 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1B-C10 SAMSUNG-K6R1004C1B-C10 Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
More results


Similar Description - K6R1004C1A-12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002B SAMSUNG-KM6161002B Datasheet
197Kb / 9P
   64Kx16 Bit High Speed Static RAM(5.0V Operating), Revolutionary Pin out.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com