Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1511TB Datasheet (PDF) - Renesas Technology Corp

UPB1511TB Datasheet PDF - Renesas Technology Corp
Part # UPB1511TB
Download  UPB1511TB Download

File Size   215.47 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUIT

UPB1511TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1511TB Datasheet PDF - Renesas Technology Corp

Part # UPB1511TB
Download  UPB1511TB Click to download

File Size   215.47 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUIT

UPB1511TB Datasheet (HTML) - Renesas Technology Corp

UPB1511TB Datasheet HTML 1Page - Renesas Technology Corp UPB1511TB Datasheet HTML 2Page - Renesas Technology Corp UPB1511TB Datasheet HTML 3Page - Renesas Technology Corp UPB1511TB Datasheet HTML 4Page - Renesas Technology Corp UPB1511TB Datasheet HTML 5Page - Renesas Technology Corp UPB1511TB Datasheet HTML 6Page - Renesas Technology Corp UPB1511TB Datasheet HTML 7Page - Renesas Technology Corp UPB1511TB Datasheet HTML 8Page - Renesas Technology Corp UPB1511TB Datasheet HTML 9Page - Renesas Technology Corp UPB1511TB Datasheet HTML 10Page - Renesas Technology Corp

UPB1511TB Product details

FEATURES
· Operating frequency : fin = 50 to 700 MHz @ ¸ 2,
50 to 800 MHz @ ¸ 4
· Low current consumption : 3.5 mA @ VCC = 3.0 V
· High-density surface mounting : 6-pin super minimold
· Supply voltage : VCC = 2.4 to 3.3 V
· Selectable division : /2, /4




Similar Part No. - UPB1511TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1511TB NEC-UPB1511TB Datasheet
51Kb / 8P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC FOR PORTABLE SYSTEMS
UPB1511TB NEC-UPB1511TB Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
UPB1511TB-E3 NEC-UPB1511TB-E3 Datasheet
51Kb / 8P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC FOR PORTABLE SYSTEMS
UPB1511TB-E3 NEC-UPB1511TB-E3 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
UPB1511TB NEC-UPB1511TB_02 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
More results


Similar Description - UPB1511TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1513TU RENESAS-UPB1513TU Datasheet
322Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1514TU RENESAS-UPB1514TU Datasheet
327Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1509GV RENESAS-UPB1509GV Datasheet
246Kb / 18P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
UPB1512TU RENESAS-UPB1512TU Datasheet
333Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1508GV RENESAS-UPB1508GV Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1510GV RENESAS-UPB1510GV Datasheet
308Kb / 15P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
UPB1009K RENESAS-UPB1009K Datasheet
432Kb / 31P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2004
UPB1007K RENESAS-UPB1007K Datasheet
510Kb / 29P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1008K RENESAS-UPB1008K Datasheet
367Kb / 27P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com