Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8941 Datasheet (PDF) - Skyworks Solutions Inc.

SI8941 Datasheet PDF - Skyworks Solutions Inc.
Part # SI8941
Download  SI8941 Download
File Size   776.56 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Isolated Delta-Sigma Modulator for Current Shunt Measurement

SI8941 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8941 Datasheet PDF - Skyworks Solutions Inc.

Part # SI8941
Download  SI8941 Click to download

File Size   776.56 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Isolated Delta-Sigma Modulator for Current Shunt Measurement

SI8941 Datasheet (HTML) - Skyworks Solutions Inc.


SI8941 Product details

KEY FEATURES
• Low voltage differential input
• ±62.5 mV and ±250 mV options
• Modulator clock options
• External clock up to 25 MHz
(Si8941)
• 10 MHz internal clock (Si8946)
• 20 MHz internal clock (Si8947)
• Typical input offset: ±50 μV
• Typical gain error: ±0.05%
• Excellent drift specifications
• ±0.5 μV/°C typical offset drift
• ±4 ppm/°C typical gain drift
• Typical 14-bit (ENOB) precision
• High common-mode transient
immunity: 75 kV/μs
• Typical SNR: 90 dB
• Typical THD: –97 dB
• Typical nonlinearity: 0.001%
• Auomotive-grade OPNs
• AIAG-compliant PPAP
documentation support
• IMDS and CAMDS listing
support
• Compact packages
• 8-pin wide body stretched SOIC
• 8-pin narrow body SOIC
• –40 to 125 °C

Applications:
• Industrial, HEV and renewable energy inverters
• AC, Brushless, and DC motor controls and drives
• Variable speed motor control in consumer white goods
• Isolated switch mode and UPS power supplies
• Automotive onboard chargers, battery management systems, and charging stations




Similar Part No. - SI8941

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8900 SILABS-SI8900 Datasheet
1Mb / 6P
AUTOMATIC BAUD RATE DETECTION
SI8900 SILABS-SI8900 Datasheet
1Mb / 8P
MASTER CONTROLLER RECOMMENDATIONS
SI8900 SILABS-SI8900 Datasheet
1Mb / 32P
ISOLATED MONITORING ADC
logo
Skyworks Solutions Inc.
SI8900 SKYWORKS-SI8900 Datasheet
1Mb / 33P
ISOLATED MONITORING ADC
Rev. 1.2
logo
Silicon Laboratories
SI8900-1 SILABS-SI8900-1 Datasheet
521Kb / 30P
ISOLATED MONITORING ADC
More results


Similar Description - SI8941

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
Rev. PrH
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
REV. 0
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Analog Devices
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
Texas Instruments
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com