Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1X5 Datasheet (PDF) - Transko Electronics, Inc.

1X5 Datasheet PDF - Transko Electronics, Inc.
Part # 1X5
Download  1X5 Download
File Size   389.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)

1X5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1X5 Datasheet PDF - Transko Electronics, Inc.

Part # 1X5
Download  1X5 Click to download

File Size   389.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)

1X5 Datasheet (HTML) - Transko Electronics, Inc.


1X5 Product details

FEATURES:
 MINIATURE TUNING FORK CRYSTAL
 EXCELLENT HEAT RESISTANCE
 WATCH FREQUENCY




Similar Part No. - 1X5

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
Directional Couplers
More results


Similar Description - 1X5

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB206J ABRACON-AB206J Datasheet
213Kb / 2P
32.768kHz SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
07.09.07
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
Abracon Corporation
AB206F ABRACON-AB206F Datasheet
85Kb / 1P
SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
logo
Suntsu Electronics, Inc...
STF622 SUNTSU-STF622 Datasheet
138Kb / 1P
Cylindrical Tuning Fork Crystal
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
3X8 TRANSKO-3X8 Datasheet
255Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (3.1 x 8.3mm)
Rev.2: May 2015
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com