Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2163012213 Datasheet (PDF) - Molex Electronics Ltd.

2163012213 Datasheet PDF - Molex Electronics Ltd.
Part # 2163012213
Download  2163012213 Download
File Size   83.93 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX150 F-S 225MM 16 AWG LEADS RD Au

2163012213 Datasheet (PDF)

Go To PDF Page Download Datasheet
2163012213 Datasheet PDF - Molex Electronics Ltd.

Part # 2163012213
Download  2163012213 Click to download

File Size   83.93 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX150 F-S 225MM 16 AWG LEADS RD Au

2163012213 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2163012213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2163012213 MOLEX-2163012213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS BK Au
2021/01/06
2163012213 MOLEX-2163012213 Datasheet
83Kb / 1P
MX150 F-S 600MM 16 AWG LEADS RD Au
2021/01/06
More results


Similar Description - 2163012213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2163011213 MOLEX-2163011213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS BK Au
2021/01/06
2163012216 MOLEX-2163012216 Datasheet
83Kb / 1P
MX150 F-S 600MM 16 AWG LEADS RD Au
2021/01/06
2163031213 MOLEX-2163031213 Datasheet
81Kb / 1P
MX150 M-S 225MM 16 AWG LEADS BK Au
2021/01/06
2175112103 MOLEX-2175112103 Datasheet
80Kb / 1P
LINK250 F-S 225MM 26 AWG LEADS RD Sn
2021/07/06
2163002224 MOLEX-2163002224 Datasheet
89Kb / 1P
MX150 F-F 300MM 14 AWG LEADS RD Au
2021/01/06
2163031223 MOLEX-2163031223 Datasheet
81Kb / 1P
MX150 M-S 225MM 14 AWG LEADS BK Au
2021/01/06
2163032226 MOLEX-2163032226 Datasheet
81Kb / 1P
MX150 M-S 600MM 14 AWG LEADS RD Au
2021/01/06
2163032204 MOLEX-2163032204 Datasheet
81Kb / 1P
MX150 M-S 300MM 18 AWG LEADS RD Au
2021/01/06
2174812203 MOLEX-2174812203 Datasheet
81Kb / 1P
MINIFIT SR. F-S 225MM 12 AWG LEAD RD Au
2021/02/05
2163021223 MOLEX-2163021223 Datasheet
85Kb / 1P
MX150 M-M 225MM 14 AWG LEADS BK Au
2021/01/06
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com