Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1664B Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1664B Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1664B
Download  MM1664B Download

File Size   66.76 Kbytes
Page   8 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description 1000mA Regulator Monolithic

MM1664B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1664B Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1664B
Download  MM1664B Click to download

File Size   66.76 Kbytes
Page   8 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description 1000mA Regulator Monolithic

MM1664B Datasheet (HTML) - Mitsumi Electronics, Corp.

MM1664B Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1664B Datasheet HTML 8Page - Mitsumi Electronics, Corp.



Similar Part No. - MM1664B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
   Video Signal Driver for DVD Player MM1623XFBE
MM1624 MITSUMI-MM1624 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
   Low Voltage Operating 75hom Driver
logo
Tiger Electronic Co.,Lt...
MM1671 TGS-MM1671 Datasheet
426Kb / 11P
   Low Supply Voltage 75OHM Driver
logo
Mitsumi Electronics, Co...
MM1672 MITSUMI-MM1672 Datasheet
77Kb / 12P
   Low Voltage Operating 75hom Driver
More results


Similar Description - MM1664B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM342XX MITSUMI-MM342XX Datasheet
140Kb / 13P
   1000mA Regulator IC
logo
New Japan Radio
NJW4187 NJRC-NJW4187 Datasheet
151Kb / 1P
   40V Io=1000mA Low dropout Regulator
logo
Enpirion, Inc.
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
logo
Rohm
BP5722A12 ROHM-BP5722A12 Datasheet
707Kb / 3P
   AC220V, 12V.1000mA
logo
Asahi Kasei Microsystem...
AP1163 AKM-AP1163 Datasheet
788Kb / 16P
   1000mA LDO Regulator with Over/Under Voltage Detection Function
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   Monolithic Synchronous Regulator
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com