Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2738060F Datasheet (PDF) - WOLFSPEED, INC.

CMPA2738060F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA2738060F
Download  CMPA2738060F Download

File Size   2699.83 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier

CMPA2738060F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA2738060F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA2738060F
Download  CMPA2738060F Click to download

File Size   2699.83 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier

CMPA2738060F Datasheet (HTML) - WOLFSPEED, INC.


CMPA2738060F Product details

Description
Wolfspeed’s CMPA2738060F is a packaged, high-power MMIC amplifier producing
85W of saturated output power over the 2.7 - 3.8 GHz frequency range. With 27dB
of large signal gain and achieving 50% power-added efficiency or higher, the
CMPA2738060F is ideally suited to support a variety of S-Band radar applications.
The CMPA2738060F also supports ease of use and straight-forward system
integration. Matched to 50 ohms at both RF ports along with DC blocking capacitors,
thermal-management is further enhanced in a bolt-down, flanged package allowing
for long-pulse operation.
Features
• 35 dB Small Signal Gain
• 80 W Typical PSAT
• Operation up to 50 V
• High Breakdown Voltage
• High Temperature Operation
• 0.5” x 0.5” Total Product Size
Applications
• Civil and Military Pulsed
Radar Amplifiers




Similar Part No. - CMPA2738060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735015D CREE-CMPA2735015D Datasheet
537Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735015S WOLFSPEED-CMPA2735015S Datasheet
689Kb / 11P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2020
logo
Cree, Inc
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
More results


Similar Description - CMPA2738060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
logo
Cree, Inc
CMPA2735015D CREE-CMPA2735015D Datasheet
537Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA2735075F CREE-CMPA2735075F Datasheet
2Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015S WOLFSPEED-CMPA2735015S Datasheet
689Kb / 11P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com