Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2735075D Datasheet (PDF) - WOLFSPEED, INC.

CMPA2735075D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA2735075D
Download  CMPA2735075D Download

File Size   386.72 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier

CMPA2735075D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA2735075D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA2735075D
Download  CMPA2735075D Click to download

File Size   386.72 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier

CMPA2735075D Datasheet (HTML) - WOLFSPEED, INC.


CMPA2735075D Product details

Description
Cree’s CMPA2735075D is a gallium nitride (GaN) High Electron Mobility Transistor (HEMT) based monolithic microwave integrated
circuit (MMIC). GaN has superior properties compared to silicon or gallium arsenide, including higher breakdown voltage, higher
saturated electron drift velocity and higher thermal conductivity. GaN HEMTs also offer greater power density and wider bandwidths
compared to Si and GaAs transistors. This MMIC contains a two-stage reactively matched amplifier design approach enabling very wide
bandwidths to be achieved.
Features
• 30 dB Small Signal Gain
• 80 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.197 x 0.174 x 0.004 inches
Applications
• Civil and Military Pulsed Radar Amplifiers




Similar Part No. - CMPA2735075D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
More results


Similar Description - CMPA2735075D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA2735075F CREE-CMPA2735075F Datasheet
2Mb / 10P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
logo
Cree, Inc
CMPA2735015D CREE-CMPA2735015D Datasheet
537Kb / 9P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015S WOLFSPEED-CMPA2735015S Datasheet
689Kb / 11P
   15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2020
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com