Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025D Datasheet (PDF) - WOLFSPEED, INC.

CMPA2560025D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA2560025D
Download  CMPA2560025D Download

File Size   1350.46 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA2560025D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA2560025D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA2560025D
Download  CMPA2560025D Click to download

File Size   1350.46 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA2560025D Datasheet (HTML) - WOLFSPEED, INC.

Back Button CMPA2560025D Datasheet HTML 1Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 2Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 9Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 10Page - WOLFSPEED, INC. Next Button 

CMPA2560025D Product details

Description
Wolfspeed’s CMPA2560025D is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC). GaN
has superior properties compared to silicon or gallium arsenide, including higher
breakdown voltage, higher saturated electron drift velocity and higher thermal
conductivity. GaN HEMTs also offer greater power density and wider bandwidths
compared to Si and GaAs transistors. This MMIC contains a two-stage reactively
matched amplifier design approach enabling very wide bandwidths to be achieved.
Features
• 24 dB Small Signal Gain
• 25 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.180 x 0.145 x 0.004 inches
Applications
• Ultra Broadband Amplifiers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
More results


Similar Description - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com