Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2060035D Datasheet (PDF) - WOLFSPEED, INC.

CMPA2060035D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA2060035D
Download  CMPA2060035D Download

File Size   400.4 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA2060035D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA2060035D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA2060035D
Download  CMPA2060035D Click to download

File Size   400.4 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA2060035D Datasheet (HTML) - WOLFSPEED, INC.


CMPA2060035D Product details

Description
Cree’s CMP2060035D is a gallium nitride (GaN) High Electron Mobility Transistor
(HEMT) based monolithic microwave integrated circuit (MMIC). GaN has superior
properties compared to silicon or gallium arsenide, including higher breakdown
voltage, higher saturated electron drift velocity and higher thermal conductivity.
GaN HEMTs also offer greater power density and wider bandwidths compared to Si
and GaAs transistors. This MMIC contains a two-stage reactively matched amplifier
design approach enabling very wide bandwidths to be achieved.
Features
• 29 dB Small Signal Gain
• 35 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.144 x 0.162 x 0.004 inches
Applications
• Ultra Broadband Drivers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA2060035D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
   35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
More results


Similar Description - CMPA2060035D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
   35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
   35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
   40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
   2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com