Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060025F1 Datasheet (PDF) - WOLFSPEED, INC.

CMPA0060025F1 Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0060025F1
Download  CMPA0060025F1 Download

File Size   2984.28 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA0060025F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0060025F1 Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0060025F1
Download  CMPA0060025F1 Click to download

File Size   2984.28 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA0060025F1 Datasheet (HTML) - WOLFSPEED, INC.


CMPA0060025F1 Product details

Description
Wolfspeed’s CMPA0060025F1 is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC). GaN
has superior properties compared to silicon or gallium arsenide, including higher
breakdown voltage, higher saturated electron drift velocity and higher thermal
conductivity. GaN HEMTs also offer greater power density and wider bandwidths
compared to Si and GaAs transistors. This MMIC enables extremely wide
bandwidths to be achieved in a small footprint screw-down package
Features
• 17 dB Small Signal Gain
• 25 W Typical PSAT
• Operation up to 50 V
• High Breakdown Voltage
• High Temperature Operation
• 0.5” x 0.5” total product size
Applications
• Ultra Broadband Amplifiers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA0060025F1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F-AMP CREE-CMPA0060025F-AMP Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060025F-TB CREE-CMPA0060025F-TB Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
More results


Similar Description - CMPA0060025F1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com