Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060025D Datasheet (PDF) - WOLFSPEED, INC.

CMPA0060025D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0060025D
Download  CMPA0060025D Download

File Size   1490.84 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA0060025D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0060025D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0060025D
Download  CMPA0060025D Click to download

File Size   1490.84 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier

CMPA0060025D Datasheet (HTML) - WOLFSPEED, INC.


CMPA0060025D Product details

Description
Wolfspeed’s CMPA0060025D is a gallium nitride (GaN) High Electron
Mobility Transistor (HEMT) based monolithic microwave integrated
circuit (MMIC). GaN has superior properties compared to silicon or
gallium arsenide, including higher breakdown voltage, higher saturated
electron drift velocity and higher thermal conductivity. GaN HEMTs also
offer greater power density and wider bandwidths compared to Si and
GaAs transistors. This MMIC enables very wide bandwidths.
Features
• 18 dB Small Signal Gain
• 30 W Typical PSAT
• Operation up to 50 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.157 x 0.094 x 0.004 inches
Applications
• Ultra Broadband Amplifiers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA0060025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
More results


Similar Description - CMPA0060025D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com