Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50001L-010500M Datasheet (PDF) - Belden Inc.

50001L-010500M Datasheet PDF - Belden Inc.
Part # 50001L-010500M
Download  50001L-010500M Download

File Size   152.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485 FR, 1P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved

50001L-010500M Datasheet (PDF)

Go To PDF Page Download Datasheet
50001L-010500M Datasheet PDF - Belden Inc.

Part # 50001L-010500M
Download  50001L-010500M Click to download

File Size   152.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485 FR, 1P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved

50001L-010500M Datasheet (HTML) - Belden Inc.

50001L-010500M Datasheet HTML 1Page - Belden Inc. 50001L-010500M Datasheet HTML 2Page - Belden Inc.

50001L-010500M Product details

Product Description
RS-485 Fire Resistant, 1PR x 22AWG Stranded Tinned Copper, Mica Glass Tape, Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus
Tinned Copper Braid Shield, Low Smoke Zero Halogen Jacket, IEC60331-23 Fire Resistant Rating, ABS Approved




Similar Part No. - 50001L-010500M

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Laird Tech Smart Techno...
5000 LSTD-5000 Datasheet
233Kb / 2P
   Film base resistance cut through
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
logo
ASM GmbH
5000 ASM-SENSOR-5000 Datasheet
4Mb / 8P
   DATENLOGGER
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
More results


Similar Description - 50001L-010500M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50004L BELDEN-50004L Datasheet
153Kb / 2P
   RS485 FR, 4P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50021L BELDEN-50021L Datasheet
152Kb / 2P
   RS485 FR, 1P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50051L BELDEN-50051L Datasheet
152Kb / 2P
   RS485 FR, 1P18AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
02-01-2023
50022L BELDEN-50022L Datasheet
144Kb / 2P
   RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50091L BELDEN-50091L Datasheet
147Kb / 2P
   RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50031LS BELDEN-50031LS Datasheet
154Kb / 2P
   RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB BELDEN-50031LB Datasheet
152Kb / 2P
   RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50022LS BELDEN-50022LS Datasheet
154Kb / 2P
   RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50092L BELDEN-50092L Datasheet
148Kb / 2P
   RS485, 2P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50022LB BELDEN-50022LB Datasheet
153Kb / 2P
   RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com