Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37151M6-XXXFP Datasheet (PDF) - Renesas Technology Corp

M37151M6-XXXFP Datasheet PDF - Renesas Technology Corp
Part # M37151M6-XXXFP
Download  M37151M6-XXXFP Download

File Size   1652.03 Kbytes
Page   139 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M37151M6-XXXFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37151M6-XXXFP Datasheet PDF - Renesas Technology Corp

Part # M37151M6-XXXFP
Download  M37151M6-XXXFP Click to download

File Size   1652.03 Kbytes
Page   139 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M37151M6-XXXFP Datasheet (HTML) - Renesas Technology Corp


M37151M6-XXXFP Product details

1. DESCRIPTION
The M37151M6/M8/MA/MC/MF-XXXFP and M37151EFFP are single-chip microcomputers designed with CMOS silicon gate technology. They have an OSD, data slicer, and I2C-BUS interface, making them perfect for TV channel selection systems with a closed cap tion decoder. The M37151EFFP has a built-in PROM that can be written electrically.

FEATURES
●Number of basic instructions ................................................. 71
●Memory size
ROM .............. 24K bytes
        (M37151M6-XXXFP)
        32K bytes
        (M37151M8-XXXFP)
        40K bytes
        (M37151MA-XXXFP)
        48K bytes
        (M37151MC-XXXFP)
        60K bytes
        (M37151MF-XXXFP, M37151EFFP)
RAM ............... 1024 bytes
         (M37151M6-XXXFP)
         1152 bytes
         (M37151M8-XXXFP)
         1472 bytes
         (M37151MA-XXXFP, M37151MC-XXXFP)
         2048 bytes
         (M37151MF-XXXFP, M37151EFFP)
         (*ROM correction memory included)
●Minimum instruction execution time
................................................................. 0.5 µs (Min.)(at 8 MHz)
●Power source voltage ................................................. 5 V ± 10 %
●Subroutine nesting ............................................. 128 levels (Max.)
●Interrupts ....................................................... 17 types, 16 vectors
●8-bit timers .................................................................................. 6
●Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25
●Serial I/O ............................................................ 8-bit ✕ 1 channel
●Multi-master I2C-BUS interface .............................. 1 (3 systems)
●A-D comparator (7-bit resolution) ................................ 8 channels
●PWM output circuit ......................................................... 8-bit ✕ 5
●Power dissipation
High-speed mode ............................................................ 165 mW
(at VCC = 5.5V, Oscillation frequency 8 MHz, OSD on, and Data
slicer on)
Low-speed mode ............................................................ 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
●Closed caption data slicer
●ROM correction function ................................................ 2 vectors
●OSD function
Display characters ................................... 32 characters ✕ 2 lines




Similar Part No. - M37151M6-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37151M6-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com