Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F38E70 Datasheet (PDF) - Fairchild Semiconductor

F38E70 Datasheet PDF - Fairchild Semiconductor
Part # F38E70
Download  F38E70 Download
File Size   1302.19 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single-Chip Microcomputer

F38E70 Datasheet (PDF)

Go To PDF Page Download Datasheet
F38E70 Datasheet PDF - Fairchild Semiconductor

Part # F38E70
Download  F38E70 Click to download

File Size   1302.19 Kbytes
Page   20 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single-Chip Microcomputer

F38E70 Datasheet (HTML) - Fairchild Semiconductor


F38E70 Product details

Description
The Fairchild single-chip microcomputer series offers a
variety of circuits for the high-volume, cost-sensitive
markets. The F38E70 is a complete 8-bit microcomputer
on a single MOS integrated circuit. The F38E70 is
functionally identical to the F3870, except the F38E70
has 2K bytes of EPROM in place of 2K bytes of ROM.
The F38E70 can execute the F8 instruction set of more
than 70 commands. The device features 2048 bytes of
EPROM, 64 bytes of scratchpad RAM, a programmable
binary timer, 32 bits of NVO, and a single + 5 V power
supply requirement,




Similar Part No. - F38E70

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F38 AVX-F38 Datasheet
668Kb / 4P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
Conductive Polymer, Miniature, Undertab
F380J106MMA AVX-F380J106MMA Datasheet
103Kb / 3P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F380J106MMAAH1 AVX-F380J106MMAAH1 Datasheet
103Kb / 3P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F380J106MMAAH2 AVX-F380J106MMAAH2 Datasheet
103Kb / 3P
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
More results


Similar Description - F38E70

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
Single-Chip Microcomputer
logo
Renesas Technology Corp
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
SINGLE-CHIP MICROCOMPUTER
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
SINGLE-CHIP MICROCOMPUTER
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
Single-Chip Microcomputer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com