Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T410-600B Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

T410-600B Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # T410-600B
Download  T410-600B Download

File Size   402.74 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

T410-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
T410-600B Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # T410-600B
Download  T410-600B Click to download

File Size   402.74 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

T410-600B Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD

T410-600B Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD T410-600B Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD T410-600B Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD T410-600B Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD T410-600B Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD

T410-600B Product details

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 4 A




Similar Part No. - T410-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
   4A TRIACS
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
   4A TRIACs
logo
Apollo Electron Co., Lt...
T410-600B APOLLOELECTRON-T410-600B Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Inchange Semiconductor ...
T410-600B ISC-T410-600B Datasheet
157Kb / 1P
   isc Thyristors
More results


Similar Description - T410-600B

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
   Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
   Blocking voltage to 600 V
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
   Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
   Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
   Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
   Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
   Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
   Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
   Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
   Blocking voltage to 600 V
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com